Part Number Hot Search : 
1205A DT54FCT IXI858S1 2508AF HY141 K4S6416 JANTXV 100PB
Product Description
Full Text Search
 

To Download L895707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED
Infrared LED
L8957
Low cost LED ideal for optical encoders
L8957 is an infrared LED using a low-cost lens and available at a lower price than other products up to now.
Features
Applications
l Low price
Uses low cost lens
l Optical encoders l Optical switches
s Absolute maximum ratings (Ta=25 C, unless otherwise noted)
Parameter Reverse voltage Forward current Forward current reduction rate Pulse forward current Pulse forward current reduction rate Power dissipation Operating temperature Storage temperature Symbol VR IF IFP P Topr Tstg Condition Value 5 80 0.67 0.5 4.2 150 -30 to +85 -40 to +100 Unit V mA mA/C A mA/C mW C C
Pulse width=10 s Duty ratio=1 %
s Electrical and optical characteristics (Ta=25 C)
Parameter Symbol Condition Min. Typ. Max. Unit Peak emission wavelength IF=30 mA 840 870 900 nm p Spectral half width IF=30 mA 45 nm Optical output *1 Pe IF=30 mA 1.5 2.1 mW Forward voltage VF IF=30 mA 1.5 1.65 V Reverse current IR VR=5 V 5 A Spot light size *2 Bw IF=30 mA 4.8 *3 5.4 mm 4 Cut-off frequency * fc IF=30 mA 4 mAp-p 25 40 MHz *1: Measured with a photodiode (active area: 8 mm) installed 10 mm away from LED stem undersurface. *2: Full width at half maximum of beam spot measured with an image sensor installed 13 mm away from LED stem undersurface. *3: Reference value *4: Frequency at which the optical output drops by -3 dB from that at 100 kHz.
1
Infrared LED
s Emission spectrum
100 (Typ. Ta=25 C, IF=30 mA)
L8957
(Typ. Ta=25 C)
s Optical output vs. forward current
(Typ. Ta=25 C) 6
s Forward current vs. forward voltage
100 90
RELATIVE RADIANT OUTPUT (%)
FORWARD CURRENT (mA)
OPTICAL OUTPUT (mW)
80
5
80 70 60 50 40 30 20 10
4
60
3
40
2
20
1
0 700
0
0 0 20 40 60 80 100 0 0.5 1.0 1.5 2.0
800
900
1000
WAVELENGTH (nm)
KLEDB0218EA
FORWARD CURRENT (mA)
KLEDB0300EB
FORWARD VOLTAGE (V)
KLEDB0227EB
s Directivity
(Typ. Ta=25 C) 20 10 0 100 % 10 20
s Radiant output vs. ambient temperature
+2
30
s Allowable forward current vs. ambient temperature
(Typ.)
(Typ. IF=50 mA)
RELATIVE ALLOWABLE FORWARD CURRENT (%)
80 %
RELATIVE RADIANT OUTPUT (dB)
30
100
+1
80
40
60 %
40
0
60
50 60 70 80 90
40 %
50 60
-1
40
20 %
70 80 90
-2
20
-3
0
20
40
60
80
100
0 -40 -20 0 20 40 60 80 100
RELATIVE RADIANT OUTPUT (%)
KLEDB0247EA
AMBIENT TEMPERATURE (C)
KLEDB0228EA
AMBIENT TEMPERATURE (C)
KLEDB0229EB
s Allowable forward current vs. duty ratio
10000 (Typ. Ta=25 C)
s Light intensity distribution
100 L=10 mm (Typ. Ta=25 C)
s Dimensional outline (unit: mm)
5.4 0.2 4.65 0.15
ALLOWABLE FORWARD CURRENT (mA)
RELATIVE RADIANT OUTPUT (%)
1000
PULSE WIDTH=1 s PULSE WIDTH=10 s
40
100
PULSE WIDTH=100 s
0.45 LEAD
IMAGE SENSOR
20
0.6 MAX.
60
L=25 mm
LED L
2.54 0.2
10 0.01
0
0.1 1 10 100
-4
-3
-2
-1
0
1
2
3
4
DUTY RATIO (%)
KLEDB0288EA
POSITION ON IMAGE SENSOR (mm)
KLEDB0248EB
COMMON TO CASE
3.7 0.2
80
13.5 1.0 4.7 0.3
L=15 mm
(0.4)
KLEDA0077EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2007 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
2
Cat. No. KLED1039E03 Aug. 2007 DN


▲Up To Search▲   

 
Price & Availability of L895707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X